전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L101F2P6TR 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STM8L101F2P6TR
상세설명  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2P6TR 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STM8L101F2P6TR Datasheet HTML 14Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 15Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 16Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 17Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 18Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 19Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 20Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 21Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
Pin description
STM8L101xx
18/77
Doc ID 15275 Rev 7
Figure 6.
28-pin WFQFPN package pinout for STM8L101G3U6ATR and
STM8L101G2U6ATR part numbers
1.
HS corresponds to 20 mA high sink/source capability.
2.
High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the
STM8L reference manual (RM0013).
Warning:
For the STM8L101G3U6ATR and STM8L101G2U6ATR part
numbers (devices with COMP_REF pin), all ports available on
32-pin packages must be considered as active ports. To avoid
spurious effects, you have to configure them as input pull-up.
A small increase in consumption (typ. < 300 µA) may occur
during the power up and reset phase until these ports are
properly configured .
PA6 (HS) / COMP_REF
VSS
VDD
NRST / PA1 (HS)
PA2 (HS)
PA3 (HS)
PA4 (HS) / TIM2_BKIN
PB6 (HS) / SPI_MOSI
PB5 (HS) / SPI_SCK
PB4 (HS) / SPI_NSS
PB3 (HS) / TIM2_TRIG / COMP2_CH2
PC0 / I²C_SDA
PD4 (HS)
PB7 (HS) / SPI_MISO
2
1
3
4
5
6
7
9
8
10
11
12
13
14
20
21
19
18
17
16
15
27
28
26
25
24
23
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77