| 전자부품 데이터시트 검색엔진 |
|
STM32F103R4H6ATR 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103R4H6ATR 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 80 page ![]() STM32F103x4, STM32F103x6 Pinouts and pin description Doc ID 15060 Rev 3 23/80 Table 5. Low-density STM32F103xx pin definitions Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap 11 B2 - VBAT SVBAT 22 A2 - PC13-TAMPER- RTC(5) I/O PC13(6) TAMPER-RTC 3 3 A1 - PC14-OSC32_IN(5) I/O PC14(6) OSC32_IN 44 B1 - PC15- OSC32_OUT(5) I/O PC15(6) OSC32_OUT 5 5 C1 2 OSC_IN I OSC_IN 6 6 D1 3 OSC_OUT O OSC_OUT 7 7 E1 4 NRST I/O NRST - 8 E3 - PC0 I/O PC0 ADC12_IN10 - 9 E2 - PC1 I/O PC1 ADC12_IN11 - 10 F2 - PC2 I/O PC2 ADC12_IN12 - 11 - - PC3 I/O PC3 ADC12_IN13 -- G1 - VREF+ (7) SVREF+ 812 F1 5 VSSA SVSSA 913 H1 6 VDDA SVDDA 10 14 G2 7 PA0-WKUP I/O PA0 WKUP/USART2_CTS/ ADC12_IN0/ TIM2_CH1_ETR(8) 11 15 H2 8 PA1 I/O PA1 USART2_RTS/ ADC12_IN1/ TIM2_CH2(8) 12 16 F3 9 PA2 I/O PA2 USART2_TX/ ADC12_IN2/ TIM2_CH3(8) 13 17 G3 10 PA3 I/O PA3 USART2_RX/ ADC12_IN3/TIM2_CH4(8) -18 C2 - VSS_4 SVSS_4 -19 D2 - VDD_4 SVDD_4 14 20 H3 11 PA4 I/O PA4 SPI1_NSS(8)/ USART2_CK/ADC12_IN4 15 21 F4 12 PA5 I/O PA5 SPI1_SCK(8)/ ADC12_IN5 16 22 G4 13 PA6 I/O PA6 SPI1_MISO(8)/ ADC12_IN6/TIM3_CH1(8) TIM1_BKIN 17 23 H4 14 PA7 I/O PA7 SPI1_MOSI(8)/ ADC12_IN7/TIM3_CH2(8) TIM1_CH1N - 24 H5 PC4 I/O PC4 ADC12_IN14 |