| 전자부품 데이터시트 검색엔진 |
|
STM32F103CBT7TR 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103CBT7TR 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 92 page ![]() Pinouts and pin description STM32F103x8, STM32F103xB 28/92 Doc ID 13587 Rev 11 F7 24 E6 32 50 19 VDD_1 SVDD_1 K8 25 H8 33 51 - PB12 I/O FT PB12 SPI2_NSS/ I2C2_SMBAl/ USART3_CK(8)/ TIM1_BKIN(8) J8 26 G8 34 52 - PB13 I/O FT PB13 SPI2_SCK/ USART3_CTS(8)/ TIM1_CH1N (8) H8 27 F8 35 53 - PB14 I/O FT PB14 SPI2_MISO/ USART3_RTS(8) TIM1_CH2N (8) G8 28 F7 36 54 - PB15 I/O FT PB15 SPI2_MOSI/ TIM1_CH3N(8) K9 - - - 55 - PD8 I/O FT PD8 USART3_TX J9 - - - 56 - PD9 I/O FT PD9 USART3_RX H9 - - - 57 - PD10 I/O FT PD10 USART3_CK G9 - - - 58 - PD11 I/O FT PD11 USART3_CTS K10 - - - 59 - PD12 I/O FT PD12 TIM4_CH1 / USART3_RTS J10 - - - 60 - PD13 I/O FT PD13 TIM4_CH2 H10 - - - 61 - PD14 I/O FT PD14 TIM4_CH3 G10 - - - 62 - PD15 I/O FT PD15 TIM4_CH4 F10 - F6 37 63 - PC6 I/O FT PC6 TIM3_CH1 E10 E7 38 64 - PC7 I/O FT PC7 TIM3_CH2 F9 E8 39 65 - PC8 I/O FT PC8 TIM3_CH3 E9 - D8 40 66 - PC9 I/O FT PC9 TIM3_CH4 D9 29 D7 41 67 20 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(8)/MCO C9 30 C7 42 68 21 PA9 I/O FT PA9 USART1_TX(8)/ TIM1_CH2(8) D10 31C643 69 22 PA10 I/O FT PA10 USART1_RX(8)/ TIM1_CH3(8) C10 32C844 70 23 PA11 I/O FT PA11 USART1_CTS/ CANRX(8)/ USBDM TIM1_CH4(8) B10 33B845 71 24 PA12 I/O FT PA12 USART1_RTS/ CANTX(8) //USBDP TIM1_ETR(8) Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |