| 전자부품 데이터시트 검색엔진 |
|
STM32F103TBU7TR 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103TBU7TR 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 92 page ![]() STM32F103x8, STM32F103xB Pinouts and pin description Doc ID 13587 Rev 11 27/92 K2 13 G3 17 26 10 PA3 I/O PA3 USART2_RX(8)/ ADC12_IN3/ TIM2_CH4(8) E4 - C2 18 27 - VSS_4 SVSS_4 F4 - D2 19 28 - VDD_4 SVDD_4 G3 14 H3 20 29 11 PA4 I/O PA4 SPI1_NSS(8)/ USART2_CK(8)/ ADC12_IN4 H3 15 F4 21 30 12 PA5 I/O PA5 SPI1_SCK(8)/ ADC12_IN5 J3 16 G4 22 31 13 PA6 I/O PA6 SPI1_MISO(8)/ ADC12_IN6/ TIM3_CH1(8) TIM1_BKIN K3 17 H4 23 32 14 PA7 I/O PA7 SPI1_MOSI(8)/ ADC12_IN7/ TIM3_CH2(8) TIM1_CH1N G4 - H5 24 33 PC4 I/O PC4 ADC12_IN14 H4 - H6 25 34 PC5 I/O PC5 ADC12_IN15 J4 18 F5 26 35 15 PB0 I/O PB0 ADC12_IN8/ TIM3_CH3(8) TIM1_CH2N K4 19 G5 27 36 16 PB1 I/O PB1 ADC12_IN9/ TIM3_CH4(8) TIM1_CH3N G5 20 G6 28 37 17 PB2 I/O FT PB2/BOOT1 H5 - - - 38 - PE7 I/O FT PE7 TIM1_ETR J5 - - - 39 - PE8 I/O FT PE8 TIM1_CH1N K5 - - - 40 - PE9 I/O FT PE9 TIM1_CH1 G6 - - - 41 - PE10 I/O FT PE10 TIM1_CH2N H6 - - - 42 - PE11 I/O FT PE11 TIM1_CH2 J6 - - - 43 - PE12 I/O FT PE12 TIM1_CH3N K6 - - - 44 - PE13 I/O FT PE13 TIM1_CH3 G7 - - - 45 - PE14 I/O FT PE14 TIM1_CH4 H7 - - - 46 - PE15 I/O FT PE15 TIM1_BKIN J7 21 G7 29 47 - PB10 I/O FT PB10 I2C2_SCL/ USART3_TX(8) TIM2_CH3 K7 22 H7 30 48 - PB11 I/O FT PB11 I2C2_SDA/ USART3_RX(8) TIM2_CH4 E7 23 D6 31 49 18 VSS_1 SVSS_1 Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |