| 전자부품 데이터시트 검색엔진 |
|
STM32F103R4U7ATR 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103R4U7ATR 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 80 page ![]() Pinouts and pin description STM32F103x4, STM32F103x6 24/80 Doc ID 15060 Rev 3 - 25 H6 PC5 I/O PC5 ADC12_IN15 18 26 F5 15 PB0 I/O PB0 ADC12_IN8/TIM3_CH3(8) TIM1_CH2N 19 27 G5 16 PB1 I/O PB1 ADC12_IN9/TIM3_CH4(8) TIM1_CH3N 20 28 G6 17 PB2 I/O FT PB2/BOOT1 21 29 G7 - PB10 I/O FT PB10 TIM2_CH3 22 30 H7 - PB11 I/O FT PB11 TIM2_CH4 23 31 D6 18 VSS_1 SVSS_1 24 32 E6 19 VDD_1 SVDD_1 25 33 H8 - PB12 I/O FT PB12 TIM1_BKIN(8) 26 34 G8 - PB13 I/O FT PB13 TIM1_CH1N (8) 27 35 F8 - PB14 I/O FT PB14 TIM1_CH2N (8) 28 36 F7 - PB15 I/O FT PB15 TIM1_CH3N(8) - 37 F6 - PC6 I/O FT PC6 TIM3_CH1 38 E7 - PC7 I/O FT PC7 TIM3_CH2 39 E8 - PC8 I/O FT PC8 TIM3_CH3 - 40 D8 - PC9 I/O FT PC9 TIM3_CH4 29 41 D7 20 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1/MCO 30 42 C7 21 PA9 I/O FT PA9 USART1_TX(8)/ TIM1_CH2(8) 31 43 C6 22 PA10 I/O FT PA10 USART1_RX(8)/ TIM1_CH3 32 44 C8 23 PA11 I/O FT PA11 USART1_CTS/ CAN_RX(8)/ TIM1_CH4 / USBDM 33 45 B8 24 PA12 I/O FT PA12 USART1_RTS/ CAN_TX(8) / TIM1_ETR / USBDP 34 46 A8 25 PA13 I/O FT JTMS/SWDIO PA13 35 47 D5 26 VSS_2 SVSS_2 36 48 E5 27 VDD_2 SVDD_2 37 49 A7 28 PA14 I/O FT JTCK/SWCLK PA14 38 50 A6 29 PA15 I/O FT JTDI TIM2_CH1_ETR/ PA15 / SPI1_NSS -51 B7 PC10 I/O FT PC10 -52 B6 PC11 I/O FT PC11 -53 C5 PC12 I/O FT PC12 Table 5. Low-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |