| 전자부품 데이터시트 검색엔진 |
|
STM8L101F2T3 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2T3 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 77 page ![]() Pin description STM8L101xx 14/77 Doc ID 15275 Rev 7 4 Pin description Figure 2. Standard 20-pin UFQFPN package pinout 1. HS corresponds to 20 mA high sink/source capability. 2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). Note: The COMP_REF pin is not available in this standard 20-pin UFQFPN package. It is available on Port A6 in the 20-pin UFQFPN package pinout for STM8L101F3U6ATR and STM8L101F2U6ATR part numbers (Figure 3 on page 15). 2 1 3 4 5 67 8 9 11 12 13 14 15 16 17 18 19 VDD VSS PA3 (HS) PA2 (HS) NRST / PA1 (HS) PB4 (HS) / SPI_NSS PB5 (HS) / SPI_SCK PB6 (HS) / SPI_MOSI PB7 (HS) / SPI_MISO PC0 / I²C_SDA 10 20 |