전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L101F2P6 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 STM8L101F2P6
상세설명  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2P6 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button STM8L101F2P6 Datasheet HTML 15Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 16Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 17Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 18Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 19Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 20Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 21Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 22Page - STMicroelectronics STM8L101F2P6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
STM8L101xx
Pin description
Doc ID 15275 Rev 7
19/77
Figure 7.
32-pin package pinout
1.
Example given for the WFQFPN32 package. The pinout is the same for the LQFP32 package.
2.
HS corresponds to 20 mA high sink/source capability.
3.
High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the
STM8L reference manual (RM0013).
1
2
3
4
PA5 (HS) / TIM3_BKIN
PA6 (HS) / COMP_REF
VSS
VDD
NRST / PA1 (HS)
PA2 (HS)
PA3 (HS)
PA4 (HS) / TIM2_BKIN
PD7 (HS)
PD6 (HS)
PB4 (HS) / SPI_NSS
PB5 (HS) / SPI_SCK
PB7 (HS) / SPI_MISO
PD5 (HS)
PD4 (HS)
PB6 (HS) / SPI_MOSI
5
6
7
8
910 11 12 13
14 15 16
17
18
19
20
21
22
23
24
32
31 30 29 28
27 26 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77