| 전자부품 데이터시트 검색엔진 |
|
MCP4531-104E/ML 데이터시트(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4531-104E/ML 데이터시트(HTML) 69 Page - Microchip Technology |
|
69 / 88 page ![]() © 2008 Microchip Technology Inc. DS22096A-page 69 MCP453X/455X/463X/465X 10.0 DEVELOPMENT SUPPORT 10.1 Development Tools Several development tools are available to assist in your design and evaluation of the MCP45XX/46XX devices. The currently available tools are shown in Table 10-1. These boards may be purchased directly from the Microchip web site at www.microchip.com. 10.2 Technical Documentation Several additional technical documents are available to assist you in your design and development. These technical documents include Application Notes, Technical Briefs, and Design Guides. Table 10-2 shows some of these documents. TABLE 10-1: DEVELOPMENT TOOLS TABLE 10-2: TECHNICAL DOCUMENTATION Board Name Part # Supported Devices MCP42XX PICTail Plus Daughter Board (2) MCP42XXDM-PTPLS MCP42XX MCP4XXX Digital Potentiometer Daughter Board (1) MCP4XXXDM-DB MCP42XXX, MCP42XX, MCP46XX, MCP4021, and MCP4011 8-pin SOIC/MSOP/TSSOP/DIP Evaluation Board SOIC8EV Any 8-pin device in DIP, SOIC, MSOP, or TSSOP package 14-pin SOIC/MSOP/DIP Evaluation Board SOIC14EV Any 14-pin device in DIP, SOIC, or MSOP package Note 1: Requires the use of a PICDEM Demo Board (see User’s Guide for details) 2: Requires the use of the PIC24 Explorer 16 Demo Board (see User’s Guide for details) 3: The desired MCP46XX device (in MSOP package) must be soldered onto the extra board. Application Note Number Title Literature # AN1080 Understanding Digital Potentiometers Resistor Variations DS01080 AN737 Using Digital Potentiometers to Design Low Pass Adjustable Filters DS00737 AN692 Using a Digital Potentiometer to Optimize a Precision Single Supply Photo Detect DS00692 AN691 Optimizing the Digital Potentiometer in Precision Circuits DS00691 AN219 Comparing Digital Potentiometers to Mechanical Potentiometers DS00219 — Digital Potentiometer Design Guide DS22017 — Signal Chain Design Guide DS21825 |