전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4531-104E/MS 데이터시트(PDF) 67 Page - Microchip Technology

부품명 MCP4531-104E/MS
상세설명  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531-104E/MS 데이터시트(HTML) 67 Page - Microchip Technology

Back Button MCP4531-104E/MS Datasheet HTML 63Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 64Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 65Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 66Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 67Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 68Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 69Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 70Page - Microchip Technology MCP4531-104E/MS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 67
MCP453X/455X/463X/465X
9.0
DEVICE OPTIONS
Additional, custom devices are available. These
devices have weak pull-up resistors on the SDA and
SCL pins. This is useful for applications where the
wiper value is programmed durning manufacture and
not modified by the system during normal operation.
Please contact your local sales office for current infor-
mation and minimum volumn requirements.
9.1
Custom Options
The custom device will have a “P” (for Pull-up) after the
resistance version in the Product Identification System.
These device will not be available through Microchip’s
online Microchip Direct nor Microchip’s Sample sys-
tems.
Example part number:
MCP4631-103PE/ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88