전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24AA32AT-E/MS 데이터시트(PDF) 31 Page - Microchip Technology

부품명 24AA32AT-E/MS
상세설명  32K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32AT-E/MS 데이터시트(HTML) 31 Page - Microchip Technology

Back Button 24AA32AT-E/MS Datasheet HTML 26Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 27Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 28Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 29Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 30Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 31Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 32Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 33Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2009 Microchip Technology Inc.
DS21713J-page 31
24AA32A/24LC32A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA32A:
1.7V, 32 Kbit I2C Serial EEPROM
24AA32AT: 1.7V, 32 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC32A:
2.5V, 32 Kbit I2C Serial EEPROM
24LC32AT: 2.5V, 32 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (3.90 mm body), 8-lead
SM
=
Plastic SOIC (5.28 mm body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
MC
=
2x3 DFN, 8-lead
MNY(1)= TDFN (2x3x0.75mm body), 8-lead
OT
=
SOT-23 (Tape and Reel only), 5-lead
Examples:
a)
24AA32A-I/P: Industrial Temperature,1.7V,
PDIP package
b)
24AA32A-I/SN: Industrial Temperature,1.7V,
SOIC package
c)
24AA32A-I/SM: Industrial Temperature.,1.7V,
SOIC (5.28 mm) package
d)
24AA32A-I/ST: Industrial Temperature.,1.7V,
TSSOP package
e)
24LC32A-I/P: Industrial Temperature, 2.5V,
PDIP package
f)
24LC32A-E/SN:
Automotive
Temperature,
2.5V SOIC package
g)
24LC32A-E/SM: Automotive Temperature,
2.5V SOIC (5.28 mm) package
h)
24LC32AT-I/ST: Industrial Temperature, 2.5V,
TSSOP package, Tape and Reel
Note 1:
“Y” indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com