전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3204-BI/ST 데이터시트(PDF) 25 Page - Microchip Technology

부품명 MCP3204-BI/ST
상세설명  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204-BI/ST 데이터시트(HTML) 25 Page - Microchip Technology

Back Button MCP3204-BI/ST Datasheet HTML 21Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 22Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 23Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 24Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 25Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 26Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 27Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 28Page - Microchip Technology MCP3204-BI/ST Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21298E-page 25
MCP3204/3208
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead PDIP (300 mil) (MCP3204)
Example:
14-Lead SOIC (150 mil) (MCP3204)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
YYWWNNN
MCP3204
-B
I/P
0819256
XXXXXXXXXXX
MCP3204
-B
0819256
XXXXXXXI/XXXX
XXXXXXXX
NNN
YYWW
14-Lead TSSOP (4.4mm)* (MCP3204)
Example:
3204
-C
256
0819
3
e
3
e
I/SL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com