전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85R2002 데이터시트(PDF) 5 Page - fujitsu semiconductor

부품명 MB85R2002
상세설명  Memory FRAM CMOS 2 M Bit (128 K 횞 16)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB85R2002 데이터시트(HTML) 5 Page - fujitsu semiconductor

  MB85R2002 Datasheet HTML 1Page - fujitsu semiconductor MB85R2002 Datasheet HTML 2Page - fujitsu semiconductor MB85R2002 Datasheet HTML 3Page - fujitsu semiconductor MB85R2002 Datasheet HTML 4Page - fujitsu semiconductor MB85R2002 Datasheet HTML 5Page - fujitsu semiconductor MB85R2002 Datasheet HTML 6Page - fujitsu semiconductor MB85R2002 Datasheet HTML 7Page - fujitsu semiconductor MB85R2002 Datasheet HTML 8Page - fujitsu semiconductor MB85R2002 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MB85R2002
DS05-13108-4E
5
■ ABSOLUTE MAXIMUM RATINGS
* : All voltages are referenced to GND
= 0 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
■ RECOMMENDED OPERATING CONDITIONS
* : All voltages are referenced to GND
= 0 V.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Supply Voltage*
VCC
−0.5
+4.0
V
Input Voltage*
VIN
−0.5
VCC
+ 0.5
V
Output Voltage*
VOUT
−0.5
VCC
+ 0.5
V
Ambient Operating Temperature
TA
−40
+85
oC
Storage Temperature
Tstg
−40
+125
oC
Parameter
Symbol
Value
Unit
Min
Typ
Max
Supply Voltage*
VCC
3.0
3.3
3.6
V
Input Voltage (high)*
VIH
VCC
× 0.8
⎯
VCC
+ 0.5
V
Input Voltage (low)*
VIL
−0.5
⎯+0.6
V
Ambient Operating Temperature
TA
− 40
⎯+85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com