전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F334APMC 데이터시트(PDF) 57 Page - fujitsu semiconductor

부품명 MB90F334APMC
상세설명  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC 데이터시트(HTML) 57 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 53Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 54Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 55Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 56Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 57Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 58Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 59Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 60Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
MB90330A Series
DS07-13734-7E
57
(13) Hold timing
(VCC
= AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V, TA = 0 °C to + 70 °C)
Notes :
• It takes one cycle or more for HAK to change after the HRQ pin is captured.
• tCP : Refer to “ (1) Clock input timing”.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Pin floating
→ HAK ↓ time
tXHAL
HAK
⎯
30
tCP
ns
HAK
↓ → pin valid time
tHAHV
HAK
tCP
2 tCP
ns
HAK
tXHAL
tHAHV
2.4 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 V
Each pin
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72