| 전자부품 데이터시트 검색엔진 |
|
LP3359-MSF 데이터시트(PDF) 5 Page - Lowpower Semiconductor inc |
|
|
|||||||||||||||||||||||||||||
LP3359-MSF 데이터시트(HTML) 5 Page - Lowpower Semiconductor inc |
|
5 / 9 page ![]() LP3359 LP3359-datasheet Ver.1.1 Nov.-2005 5 -5 Applications Information Enable/Shutdown When the voltage on the active-high-logic enable pin is low, the LP3359 will be in shutdown. While disabled, the LP3359 typically draws 0.01µA. There is no internal pull-up or pull-down on the PWM pin of the LP3359, Do not let PWM pin floating. Output Current Capability The LP3359 is capable of providing up to 25mA of current to each of the four outputs given an input voltage of 3.0V to 5.5V. The outputs have a typical current matching of ± 0.3% between adjacent sources. An external resistor can be used to set the output current, as approximated with the following the equation: In order for the output currents to be regulated properly, sufficient headroom voltage (VHR) must be present. The headroom voltage refers to the minimum amount of voltage that must be present across the current source in order to ensure the desired current is realizable. To ensure the desired current is obtained, apply the following equations to find the minimum input voltage required: VLEDX is the diode forward voltage, and VHR is defined by the following equation: ILEDX is the desired diode current, and kHR, typically 15mV/mA in the LP3359, is a proportionality constant that represents the ON-resistance of the internal current mirror transistors. For worst-case design calculations, using a kHR of 20mV/mA is recommended. (Worst-case recommendation accounts for parameter shifts from part-to-part variation and applies over the full operating temperature range). Changes in headroom voltage from one output to the next, possible with LED forward voltage mismatch, will result in different output currents and LED brightness mismatch. Thus, operating the LP3359 with insufficient headroom voltage across all current sources should be avoided. Brightness Control (1)Using a PWM Signal to EN/PWM Pin Brightness control can be implemented by pulsing a signal at the PWM pin. The RSET value should be selected using the RSET equation. LED brightness is proportional to the duty cycle (D) of the PWM signal. For linear brightness control over the full duty cycle adjustment range, the PWM frequency (f) should be limited to accommodate the turn-on time (TON = 20µs) of the de- vice. If the PWM frequency is much less than 100Hz, flicker may be seen in the LEDs. For the LP3359, zero duty cycle will turn off the LEDs and a 50% duty cycle will result in an average ILED being half of the programmed LED current. For example, if RSET is set to program 15mA, a 50% duty cycle will result in an average ILED of 7.5mA, LED being half the programmed LED current. RSET should be chosen not to exceed the maximum current delivery capability of the device. (2)Using a DC Voltage Added to RSET Using an analog input voltage VADJ via a resister RADJ connects to the RSET pin can also be used to achieve setting LED current. Figure 3 shows this application circuit. For this application the LED's current can be derived from the following Equation. Figure 4 and table 2 shows the relation between VADJ and ILED of a typical application example, where the VADJ from 0 to 2.5V, RSET equals 11.5kΩ and RADJ |