전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

25AA040AT-E/P 데이터시트(PDF) 24 Page - Microchip Technology

부품명 25AA040AT-E/P
상세설명  4K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040AT-E/P 데이터시트(HTML) 24 Page - Microchip Technology

Back Button 25AA040AT-E/P Datasheet HTML 20Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 21Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 22Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 23Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 24Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 25Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 26Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 27Page - Microchip Technology 25AA040AT-E/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
25AA040A/25LC040A
DS21827F-page 24
© 2009 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision B
Corrections to Section 1.0, Electrical Characteristics.
Revision C
Added Packages SOT-23, DFN and X-rotated TSSOP;
Revised AC Char., Params. 9, 10; Revised Package
Legend.
Revision D
Removed
Preliminary
status;
Replaced
package
drawings (Rev. AP); Revise Table 1-1, Param. D004,
D007, D008; Revise Table 1-2, Param. 7, 8, 9 ,10.
Revision E
Revised
Features
(Pb-free);
Replaced
Package
Drawings.
Revision F (7/2009)
Replaced 6-Lead SOT-23 package drawing (from CH
to OT); Revised 8-Lead DFN (MC); Added 8-Lead DFN
(MC) Land Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30