전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

25AA040AX-I/MS 데이터시트(PDF) 11 Page - Microchip Technology

부품명 25AA040AX-I/MS
상세설명  4K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040AX-I/MS 데이터시트(HTML) 11 Page - Microchip Technology

Back Button 25AA040AX-I/MS Datasheet HTML 7Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 8Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 9Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 10Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 11Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 12Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 13Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 14Page - Microchip Technology 25AA040AX-I/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21827F-page 11
25AA040A/25LC040A
2.6
Write Status Register Instruction
(WRSR)
The Write Status Register instruction (WRSR) allows the
user to write to the nonvolatile bits in the STATUS regis-
ter as shown in Table 2-2. See Figure 2-7 for the WRSR
timing sequence. Four levels of protection for the array
are selectable by writing to the appropriate bits in the
STATUS register. The user has the ability to write-protect
none, one, two or all four of the segments of the array as
shown in Table 2-3.
TABLE 2-3:
ARRAY PROTECTION
FIGURE 2-7:
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
BP1
BP0
Array Addresses
Write-Protected
00
none
01
upper 1/4
(180h-1FFh)
10
upper 1/2
(100h-1FFh)
11
all
(000h-1FFh)
SO
SI
CS
9
1011
12131415
01
0
0
0
0
00
76
5
4
21
0
Instruction
Data to STATUS Register
High-impedance
SCK
0
2
34
56
7
1
8
3
Note:
An internal write cycle (TWC) is initiated on the rising edge of CS after a valid write STATUS register
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com