| 전자부품 데이터시트 검색엔진 |
|
LM2575-12 데이터시트(PDF) 13 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
LM2575-12 데이터시트(HTML) 13 Page - Motorola, Inc |
|
13 / 28 page ![]() LM2575 13 MOTOROLA ANALOG IC DEVICE DATA Table 1. Inductor Selection Guide Inductor Code Inductor Value Pulse Eng Renco AIE Tech 39 L100 100 µH PE–92108 RL2444 415–0930 77 308 BV L150 150 µH PE–53113 RL1954 415–0953 77 358 BV L220 220 µH PE–52626 RL1953 415–0922 77 408 BV L330 330 µH PE–52627 RL1952 415–0926 77 458 BV L470 470 µH PE–53114 RL1951 415–0927 – L680 680 µH PE–52629 RL1950 415–0928 77 508 BV H150 150 µH PE–53115 RL2445 415–0936 77 368 BV H220 220 µH PE–53116 RL2446 430–0636 77 410 BV H330 330 µH PE–53117 RL2447 430–0635 77 460 BV H470 470 µH PE–53118 RL1961 430–0634 – H680 680 µH PE–53119 RL1960 415–0935 77 510 BV H1000 1000 µH PE–53120 RL1959 415–0934 77 558 BV H1500 1500 µH PE–53121 RL1958 415–0933 – H2200 2200 µH PE–53122 RL2448 415–0945 77 610 BV Table 2. Inductor Selection Guide Inductance Current Schott Renco Pulse Engineering Coilcraft ( µH) (A) THT SMT THT SMT THT SMT SMT 68 0.32 67143940 67144310 RL–1284–68–43 RL1500–68 PE–53804 PE–53804–S DO1608–68 68 0.58 67143990 67144360 RL–5470–6 RL1500–68 PE–53812 PE–53812–S DO3308–683 68 0.99 67144070 67144450 RL–5471–5 RL1500–68 PE–53821 PE–53821–S DO3316–683 1.78 67144140 67144520 RL–5471–5 – PE–53830 PE–53830–S DO5022P–683 100 0.48 67143980 67144350 RL–5470–5 RL1500–100 PE–53811 PE–53811–S DO3308–104 100 0.82 67144060 67144440 RL–5471–4 RL1500–100 PE–53820 PE–53820–S DO3316–104 1.47 67144130 67144510 RL–5471–4 – PE–53829 PE–53829–S DO5022P–104 150 0.39 – 67144340 RL–5470–4 RL1500–150 PE–53810 PE–53810–S DO3308–154 150 0.66 67144050 67144430 RL–5471–3 RL1500–150 PE–53819 PE–53819–S DO3316–154 1.20 67144120 67144500 RL–5471–3 – PE–53828 PE–53828–S DO5022P–154 220 0.32 67143960 67144330 RL–5470–3 RL1500–220 PE–53809 PE–53809–S DO3308–224 220 0.55 67144040 67144420 RL–5471–2 RL1500–220 PE–53818 PE–53818–S DO3316–224 1.00 67144110 67144490 RL–5471–2 – PE–53827 PE–53827–S DO5022P–224 330 0.42 67144030 67144410 RL–5471–1 RL1500–330 PE–53817 PE–53817–S DO3316–334 330 0.80 67144100 67144480 RL–5471–1 – PE–53826 PE–53826–S DO5022P–334 NOTE: Table 1 and Table 2 of this Indicator Selection Guide shows some examples of different manufacturer products suitable for design with the LM2575. |