| 전자부품 데이터시트 검색엔진 |
|
MCP4142-502E/MS 데이터시트(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4142-502E/MS 데이터시트(HTML) 39 Page - Microchip Technology |
|
39 / 88 page ![]() © 2008 Microchip Technology Inc. DS22059B-page 39 MCP414X/416X/424X/426X 6.0 SERIAL INTERFACE (SPI) The MCP4XXX devices support the SPI serial protocol. This SPI operates in the slave mode (does not generate the serial clock). The SPI interface uses up to four pins. These are: •CS - Chip Select • SCK - Serial Clock • SDI - Serial Data In • SDO - Serial Data Out Typical SPI Interfaces are shown in Figure 6-1. In the SPI interface, The Master’s Output pin is connected to the Slave’s Input pin and the Master’s Input pin is connected to the Slave’s Output pin. The MCP4XXX SPI’s module supports two (of the four) standard SPI modes. These are Mode 0,0 and 1,1. The SPI mode is determined by the state of the SCK pin (VIH or VIL) on the when the CS pin transitions from inactive (VIH) to active (VIL or VIHH). All SPI interface signals are high-voltage tolerant. FIGURE 6-1: Typical SPI Interface Block Diagram. SDI/SDO SDI SDO SDO SDI R1 (2) MCP41X1 SCK SCK SDI SDO MCP4XXX SDO SDI SCK SCK ( Master Out - Slave In (MOSI) ) ( Master In - Slave Out (MISO) ) Host Controller Host Controller Typical SPI Interface Connections Typical MCP41X1 SPI Interface Connections (Host Controller Hardware SPI) SDI/SDO SDI SDO I/O MCP41X1 I/O SCK Host Controller Alternate MCP41X1 SPI Interface Connections (Host Controller Firmware SPI) (SDO/SDI) (SCK) CS I/O (1) CS I/O (1) CS I/O (1) Note 1: If High voltage commands are desired, some type of external circuitry needs to be implemented. 2: R1 must be sized to ensure VIL and VIH of the devices are met. |