전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

23K256-E/SN 데이터시트(PDF) 12 Page - Microchip Technology

부품명 23K256-E/SN
상세설명  256K SPI Bus Low-Power Serial SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256-E/SN 데이터시트(HTML) 12 Page - Microchip Technology

Back Button 23K256-E/SN Datasheet HTML 8Page - Microchip Technology 23K256-E/SN Datasheet HTML 9Page - Microchip Technology 23K256-E/SN Datasheet HTML 10Page - Microchip Technology 23K256-E/SN Datasheet HTML 11Page - Microchip Technology 23K256-E/SN Datasheet HTML 12Page - Microchip Technology 23K256-E/SN Datasheet HTML 13Page - Microchip Technology 23K256-E/SN Datasheet HTML 14Page - Microchip Technology 23K256-E/SN Datasheet HTML 15Page - Microchip Technology 23K256-E/SN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
23A256/23K256
DS22100D-page 12
© 2009 Microchip Technology Inc.
2.6
Write Status Register Instruction
(WRSR)
The Write Status Register instruction (WRSR) allows the
user to write to the bits in the STATUS register as
shown in Table 2-2. This allows for setting of the Device
operating mode. Several of the bits in the STATUS
register must be cleared to ‘0’. See Figure 2-8 for the
WRSR
timing sequence.
FIGURE 2-8:
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
2.7
Power-On State
The 23X256 powers on in the following state:
• The device is in low-power Standby mode
(CS = 1)
• A high-to-low-level transition on CS is required to
enter active state
SO
SI
CS
9
1011
12131415
01
0
0
0
0
00
76
5
4
21
0
Instruction
Data to STATUS Register
High-Impedance
SCK
0
2
34
56
7
18
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26