전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24VL024H/P 데이터시트(PDF) 6 Page - Microchip Technology

부품명 24VL024H/P
상세설명  2K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL024H/P 데이터시트(HTML) 6 Page - Microchip Technology

Back Button 24VL024H/P Datasheet HTML 2Page - Microchip Technology 24VL024H/P Datasheet HTML 3Page - Microchip Technology 24VL024H/P Datasheet HTML 4Page - Microchip Technology 24VL024H/P Datasheet HTML 5Page - Microchip Technology 24VL024H/P Datasheet HTML 6Page - Microchip Technology 24VL024H/P Datasheet HTML 7Page - Microchip Technology 24VL024H/P Datasheet HTML 8Page - Microchip Technology 24VL024H/P Datasheet HTML 9Page - Microchip Technology 24VL024H/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
24VL024H
DS22109A-page 6
© 2008 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The 24VL024H supports a bidirectional, 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as a transmitter, and a device
receiving data as a receiver. The bus has to be con-
trolled by a master device that generates the Serial
Clock (SCL), controls the bus access and generates
the Start and Stop conditions, while the 24VL024H
works as slave. Both master and slave can operate as
a transmitter or receiver, but the master device
determines which mode is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28