전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24AA02HT-I/SN 데이터시트(PDF) 12 Page - Microchip Technology

부품명 24AA02HT-I/SN
상세설명  2K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02HT-I/SN 데이터시트(HTML) 12 Page - Microchip Technology

Back Button 24AA02HT-I/SN Datasheet HTML 8Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 9Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 10Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 11Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 12Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 13Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 14Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 15Page - Microchip Technology 24AA02HT-I/SN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
24AA02H/24LC02BH
DS22105A-page 12
© 2008 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXT
XXXXYYWW
NNN
8-Lead TSSOP
Example:
24LC02BH
I/P
13F
0527
24LC02BHI
SN
0527
13F
XXXX
TYWW
NNN
4L2H
I527
13F
5-Lead SOT-23
Example:
XXNN
2Q3F
3
e
3
e
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4L2BHI
52713F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30