| 전자부품 데이터시트 검색엔진 |
|
MCP4541-502E/MS 데이터시트(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-502E/MS 데이터시트(HTML) 75 Page - Microchip Technology |
|
75 / 92 page ![]() © 2008 Microchip Technology Inc. DS22107A-page 75 MCP454X/456X/464X/466X 11.0 PACKAGING INFORMATION 11.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (3x3) Example : Part Number Code Part Number Code MCP4541-502E/MF DACJ MCP4542-502E/MF DACP MCP4541-103E/MF DACK MCP4542-103E/MF DACQ MCP4541-104E/MF DACM MCP4542-104E/MF DACS MCP4541-503E/MF DACL MCP4542-503E/MF DACR MCP4561-502E/MF DADB MCP4562-502E/MF DADF MCP4561-103E/MF DADC MCP4562-103E/MF DADG MCP4561-104E/MF DADE MCP4562-104E/MF DADJ MCP4561-503E/MF DADD MCP4562-503E/MF DADH DACJ E841 256 XXXX XYWW NNN 8-Lead MSOP XXXXXX YWWNNN Example 454113 841256 Part Number Code Part Number Code MCP4541-103E/MS 454113 MCP4542-103E/MS 454213 MCP4541-104E/MS 454114 MCP4542-104E/MS 454214 MCP4541-502E/MS 454152 MCP4542-502E/MS 454252 MCP4541-503E/MS 454153 MCP4542-503E/MS 454253 MCP4561-103E/MS 456113 MCP4562-103E/MS 456213 MCP4561-104E/MS 456114 MCP4562-104E/MS 456214 MCP4561-502E/MS 456152 MCP4562-502E/MS 456252 MCP4561-503E/MS 456153 MCP4562-503E/MS 456253 |