전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24VL014/P 데이터시트(PDF) 6 Page - Microchip Technology

부품명 24VL014/P
상세설명  1K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL014/P 데이터시트(HTML) 6 Page - Microchip Technology

Back Button 24VL014/P Datasheet HTML 2Page - Microchip Technology 24VL014/P Datasheet HTML 3Page - Microchip Technology 24VL014/P Datasheet HTML 4Page - Microchip Technology 24VL014/P Datasheet HTML 5Page - Microchip Technology 24VL014/P Datasheet HTML 6Page - Microchip Technology 24VL014/P Datasheet HTML 7Page - Microchip Technology 24VL014/P Datasheet HTML 8Page - Microchip Technology 24VL014/P Datasheet HTML 9Page - Microchip Technology 24VL014/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
24VL014
DS22129A-page 6
© 2009 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The 24VL014 supports a bidirectional, 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter, and a device
receiving data as receiver. The bus has to be controlled
by a master device that generates the Serial Clock
(SCL), controls the bus access and generates the Start
and Stop conditions, while the 24VL014 works as
slave. Both master and slave can operate as
transmitter
or
receiver,
but
the
master
device
determines which mode is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30