전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4161-503I/ML 데이터시트(PDF) 63 Page - Microchip Technology

부품명 MCP4161-503I/ML
상세설명  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4161-503I/ML 데이터시트(HTML) 63 Page - Microchip Technology

Back Button MCP4161-503I/ML Datasheet HTML 59Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 60Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 61Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 62Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 63Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 64Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 65Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 66Page - Microchip Technology MCP4161-503I/ML Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 63
MCP414X/416X/424X/426X
9.0
DEVELOPMENT SUPPORT
9.1
Development Tools
Several development tools are available to assist in
your design and evaluation of the MCP4XXX devices.
The currently available tools are shown in Table 9-1.
These boards may be purchased directly from the
Microchip web site at www.microchip.com.
9.2
Technical Documentation
Several additional technical documents are available to
assist you in your design and development. These
technical documents include Application Notes,
Technical Briefs, and Design Guides. Table 9-2 shows
some of these documents.
TABLE 9-1:
DEVELOPMENT TOOLS
TABLE 9-2:
TECHNICAL DOCUMENTATION
Board Name
Part #
Supported Devices
MCP42XX Digital Potentiometer PICtail Plus Demo
Board
MCP42XXDM-PTPLS
MCP42XX
MCP4XXX Digital Potentiometer Daughter Board (1) MCP4XXXDM-DB
MCP42XXX, MCP42XX, MCP4021,
and MCP4011
8-pin SOIC/MSOP/TSSOP/DIP Evaluation Board
SOIC8EV
Any 8-pin device in DIP, SOIC,
MSOP, or TSSOP package
14-pin SOIC/MSOP/DIP Evaluation Board
SOIC14EV
Any 14-pin device in DIP, SOIC, or
MSOP package
Note 1:
Requires the use of a PICDEM Demo board (see User’s Guide for details)
Application
Note Number
Title
Literature #
AN1080
Understanding Digital Potentiometers Resistor Variations
DS01080
AN737
Using Digital Potentiometers to Design Low Pass Adjustable Filters
DS00737
AN692
Using a Digital Potentiometer to Optimize a Precision Single Supply Photo Detect
DS00692
AN691
Optimizing the Digital Potentiometer in Precision Circuits
DS00691
AN219
Comparing Digital Potentiometers to Mechanical Potentiometers
DS00219
—
Digital Potentiometer Design Guide
DS22017
—
Signal Chain Design Guide
DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88