전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24VL025T/OT 데이터시트(PDF) 10 Page - Microchip Technology

부품명 24VL025T/OT
상세설명  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL025T/OT 데이터시트(HTML) 10 Page - Microchip Technology

Back Button 24VL025T/OT Datasheet HTML 6Page - Microchip Technology 24VL025T/OT Datasheet HTML 7Page - Microchip Technology 24VL025T/OT Datasheet HTML 8Page - Microchip Technology 24VL025T/OT Datasheet HTML 9Page - Microchip Technology 24VL025T/OT Datasheet HTML 10Page - Microchip Technology 24VL025T/OT Datasheet HTML 11Page - Microchip Technology 24VL025T/OT Datasheet HTML 12Page - Microchip Technology 24VL025T/OT Datasheet HTML 13Page - Microchip Technology 24VL025T/OT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
24VL024/24VL025
DS22130A-page 10
© 2009 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a write
command has been issued from the master, the device
initiates the internally-timed write cycle and ACK polling
can be initiated immediately. This involves the master
sending a Start condition followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, no ACK will be returned. If no
ACK is returned, the Start bit and control byte must be
re-sent. If the cycle is complete, the device will return
the ACK and the master can then proceed with the next
Read or Write command. See Figure 7-1 for a flow
diagram of this operation.
FIGURE 7-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30