| 전자부품 데이터시트 검색엔진 |
|
MCP4161-503E/SL 데이터시트(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4161-503E/SL 데이터시트(HTML) 2 Page - Microchip Technology |
|
2 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 2 © 2008 Microchip Technology Inc. Device Block Diagram Device Features Device Wiper Configuration Resistance (typical) VDD Operating Range (2) RAB Options (kΩ) Wiper - RW ( Ω) MCP4131 (3) 1 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4132 (3) 1 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4141 1 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4142 1 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4151 (3) 1 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4152 (3) 1 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4161 1 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V MCP4162 1 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V MCP4231 (3) 2 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4232 (3) 2 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4241 2 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4242 2 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4251 (3) 2 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4252 (3) 2 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4261 2 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V MCP4262 2 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V Note 1: Floating either terminal (A or B) allows the device to be used as a Rheostat (variable resistor). 2: Analog characteristics only tested from 2.7V to 5.5V unless otherwise noted. 3: Please check Microchip web site for device release and availability Power-up/ Brown-out Control VDD VSS SPI Serial Interface Module & Control Logic (WiperLock™ Technology) Resistor Network 0 (Pot 0) Wiper 0 & TCON Register Resistor Network 1 (Pot 1) Wiper 1 & TCON Register CS SCK SDI SDO WP SHDN Memory (16x9) Wiper0 (V & NV) Wiper1 (V & NV) TCON STATUS Data EEPROM (10 x 9-bits) P0A P0W P0B P1A P1W P1B For Dual Resistor Network Devices Only For Dual Potentiometer Devices Only |