전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6566UT 데이터시트(PDF) 26 Page - Microchip Technology

부품명 MCP6566UT
상세설명  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566UT 데이터시트(HTML) 26 Page - Microchip Technology

Back Button MCP6566UT Datasheet HTML 22Page - Microchip Technology MCP6566UT Datasheet HTML 23Page - Microchip Technology MCP6566UT Datasheet HTML 24Page - Microchip Technology MCP6566UT Datasheet HTML 25Page - Microchip Technology MCP6566UT Datasheet HTML 26Page - Microchip Technology MCP6566UT Datasheet HTML 27Page - Microchip Technology MCP6566UT Datasheet HTML 28Page - Microchip Technology MCP6566UT Datasheet HTML 29Page - Microchip Technology MCP6566UT Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
MCP6566/6R/6U/7/9
DS22143B-page 26
© 2009 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead TSSOP
(MCP6569)
XXXXXXXX
YYWW
NNN
Example:
MCP6569E
0934
256
14-Lead SOIC (150 mil)
(MCP6569)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXXXXXX
MCP6569
0934256
E/SL^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44