전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4017 데이터시트(PDF) 55 Page - Microchip Technology

부품명 MCP4017
상세설명  7-Bit Single I2C??Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4017 데이터시트(HTML) 55 Page - Microchip Technology

Back Button MCP4017 Datasheet HTML 51Page - Microchip Technology MCP4017 Datasheet HTML 52Page - Microchip Technology MCP4017 Datasheet HTML 53Page - Microchip Technology MCP4017 Datasheet HTML 54Page - Microchip Technology MCP4017 Datasheet HTML 55Page - Microchip Technology MCP4017 Datasheet HTML 56Page - Microchip Technology MCP4017 Datasheet HTML 57Page - Microchip Technology MCP4017 Datasheet HTML 58Page - Microchip Technology MCP4017 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22147A-page 55
MCP4017/18/19
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
Code
MCP4019T-502E/LT
BENN
MCP4019T-103E/LT
BFNN
MCP4019T-503E/LT
BGNN
MCP4019T-104E/LT
BHNN
6-Lead SC70
Example:
Part Number
Code
Part Number
Code
MCP4017T-502E/LT
AENN
MCP4018T-502E/LT
AANN
MCP4017T-103E/LT
AFNN
MCP4018T-103E/LT
ABNN
MCP4017T-503E/LT
AGNN
MCP4018T-503E/LT
ACNN
MCP4017T-104E/LT
AHNN
MCP4018T-104E/LT
ADNN
5-Lead SC70
XXNN
Example:
BENN
XXNN
AANN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66