| 전자부품 데이터시트 검색엔진 |
|
MCP4151T-503E/MS 데이터시트(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4151T-503E/MS 데이터시트(HTML) 52 Page - Microchip Technology |
|
52 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 52 © 2008 Microchip Technology Inc. 7.5.2 CONTINUOUS WRITES Continuous writes are possible only when writing to the volatile memory registers (address 00h, 01h, and 04h). Figure 7-3 shows the sequence for three continuous writes. The writes do not need to be to the same volatile memory address. FIGURE 7-3: Continuous Write Sequence. A D 3 A D 2 A D 1 A D 0 00 D 9 D 8 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 111111 1* 111111111 A D 3 A D 2 A D 1 A D 0 00 D 9 D 8 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 111111 1* 111111111 A D 3 A D 2 A D 1 A D 0 00 D 9 D 8 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 111111 1* 111111111 COMMAND BYTE DATA BYTE SDI SDO Note 1: If a Command Error (CMDERR) occurs at this bit location (*), then all following SDO bits will be driven low until the CS pin is driven inactive (VIH). |