전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP40D17 데이터시트(PDF) 46 Page - Microchip Technology

부품명 MCP40D17
상세설명  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 데이터시트(HTML) 46 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 42Page - Microchip Technology MCP40D17 Datasheet HTML 43Page - Microchip Technology MCP40D17 Datasheet HTML 44Page - Microchip Technology MCP40D17 Datasheet HTML 45Page - Microchip Technology MCP40D17 Datasheet HTML 46Page - Microchip Technology MCP40D17 Datasheet HTML 47Page - Microchip Technology MCP40D17 Datasheet HTML 48Page - Microchip Technology MCP40D17 Datasheet HTML 49Page - Microchip Technology MCP40D17 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
MCP40D17/18/19
DS22152B-page 46
© 2009 Microchip Technology Inc.
6.4.2
MONOTONIC OPERATION
Monotonic
operation
means
that
the
device’s
resistance increases with every step change (from
terminal A to terminal B or terminal B to terminal A).
The wiper resistances difference at each tap location.
When changing from one tap position to the next (either
increasing or decreasing), the
ΔR
W is less than the
ΔR
S. When this change occurs, the device voltage and
temperature are “the same” for the two tap positions.
FIGURE 6-7:
RBW.
0x3F
0x3E
0x3D
0x03
0x02
0x01
0x00
Resistance (RBW)
RW
(@ tap)
RS0
RS1
RS3
RS62
RS63
RBW =
RSn + RW(@ Tap n)
n = 0
n = ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66