전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4162T-502E/MF 데이터시트(PDF) 23 Page - Microchip Technology

부품명 MCP4162T-502E/MF
상세설명  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-502E/MF 데이터시트(HTML) 23 Page - Microchip Technology

Back Button MCP4162T-502E/MF Datasheet HTML 19Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 20Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 21Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 22Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 23Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 24Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 25Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 26Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 23
MCP414X/416X/424X/426X
Note:
Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-43:
100 k
Ω – Low-Voltage
Decrement Wiper Settling Time (VDD = 2.7V)
(1 µs/Div).
FIGURE 2-44:
100 k
Ω – Low-Voltage
Decrement Wiper Settling Time (VDD = 5.5V)
(1 µs/Div).
FIGURE 2-45:
100 k
Ω – Power-Up Wiper
Response Time (1 µs/Div).
FIGURE 2-46:
100 k
Ω – Low-Voltage
Increment Wiper Settling Time (VDD = 2.7V)
(1 µs/Div).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88