| 전자부품 데이터시트 검색엔진 |
|
25LC080C-I/MS 데이터시트(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC080C-I/MS 데이터시트(HTML) 25 Page - Microchip Technology |
|
25 / 28 page ![]() © 2009 Microchip Technology Inc. DS22151A-page 25 25XX080C/D PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Tape & Reel Device Device: 25AA080C 25AA080D 25LC080C 25LC080D 8 Kbit, 1.8V, 16 Byte Page SPI Serial EEPROM 8 Kbit, 1.8V, 32 Byte Page SPI Serial EEPROM 8 Kbit, 2.5V, 16 Byte Page SPI Serial EEPROM 8 Kbit, 2.5V, 32 Byte Page SPI Serial EEPROM Tape & Reel: Blank = T= Standard packaging Tape & Reel Temperature Range: I= E= -40 °C to+85°C -40 °C to+125°C Package: MS = P= SN = ST = MNY(1) = Plastic MSOP (Micro Small Outline), 8-lead Plastic DIP (300 mil body), 8-lead Plastic SOIC (3.90 mm body), 8-lead TSSOP, 8-lead 8-lead 2x3 mm TDFN Examples: a) 25AA080C-I/MS = 8 Kbit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., MSOP package b) 25AA080CT-I/SN = 8 Kbit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package c) 25LC080DT-I/SN = 8 Kbit, 32-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package d) 25LC080DT-I/ST = 8 Kbit, 32-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, TSSOP package – Note 1: “Y” indicates a Nickel Palladium Gold (NiPdAu) finish. X Temp Range |