전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4162T-503I/ST 데이터시트(PDF) 65 Page - Microchip Technology

부품명 MCP4162T-503I/ST
상세설명  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-503I/ST 데이터시트(HTML) 65 Page - Microchip Technology

Back Button MCP4162T-503I/ST Datasheet HTML 61Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 62Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 63Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 64Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 65Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 66Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 67Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 68Page - Microchip Technology MCP4162T-503I/ST Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 65
MCP414X/416X/424X/426X
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead DFN (3x3)
Example
:
Part Number
Code
Part Number
Code
MCP4141-502E/MF
DAAJ
MCP4142-502E/MF
DABC
MCP4141-103E/MF
DAAK
MCP4142-103E/MF
DABD
MCP4141-104E/MF
DAAM
MCP4142-104E/MF
DABF
MCP4141-503E/MF
DAAL
MCP4142-503E/MF
DABE
MCP4161-502E/MF
DAAT
MCP4162-502E/MF
DABG
MCP4161-103E/MF
DAAU
MCP4162-103E/MF
DABH
MCP4161-104E/MF
DAAW
MCP4162-104E/MF
DABK
MCP4161-503E/MF
DAAV
MCP4162-503E/MF
DABJ
DAAJ
E816
256
XXXX
XYWW
NNN
8-Lead MSOP
XXXXXX
YWWNNN
Example
414152
816256
Part Number
Code
Part Number
Code
MCP4141-502E/MS
414152
MCP4142-502E/MS
414252
MCP4141-103E/MS
414113
MCP4142-103E/MS
414213
MCP4141-104E/MS
414114
MCP4142-104E/MS
414214
MCP4141-503E/MS
414153
MCP4142-503E/MS
414253
MCP4161-502E/MS
416152
MCP4162-502E/MS
416252
MCP4161-103E/MS
416113
MCP4162-103E/MS
416213
MCP4161-104E/MS
416114
MCP4162-104E/MS
416214
MCP4161-503E/MS
416153
MCP4162-503E/MS
416253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88