전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RE46C126 데이터시트(PDF) 1 Page - Microchip Technology

부품명 RE46C126
상세설명  CMOS Ionization Smoke Detector ASIC with Interconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C126 데이터시트(HTML) 1 Page - Microchip Technology

  RE46C126 Datasheet HTML 1Page - Microchip Technology RE46C126 Datasheet HTML 2Page - Microchip Technology RE46C126 Datasheet HTML 3Page - Microchip Technology RE46C126 Datasheet HTML 4Page - Microchip Technology RE46C126 Datasheet HTML 5Page - Microchip Technology RE46C126 Datasheet HTML 6Page - Microchip Technology RE46C126 Datasheet HTML 7Page - Microchip Technology RE46C126 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R&E International
A Subsidiary of Microchip Technology Inc.
RE46C126
CMOS Ionization Smoke Detector ASIC with Interconnect
Product Specification
© 2009 Microchip Technology Inc.
DS22170A-page 1
General Description
The RE46C126 is low power CMOS ionization type
smoke detector IC. With few external components this
circuit will provide all the required features for an
ionization type smoke detector.
An internal oscillator strobes power to the smoke
detection circuitry for 10.5mS every 1.66 seconds to
keep standby current to a minimum. A check for a low
battery condition is performed every 40 seconds when
in standby. . A 2/3 duty cycle continuous horn pattern is
used for the alarm condition.
An interconnect pin allows multiple detectors to be
connected such that when one unit alarms all units will
sound.
Although this device was designed for smoke detection
utilizing an ionization chamber it can be used in a
variety of security applications.
Utilizing low power CMOS technology the RE46C126
was designed for use in smoke detectors that comply
with Underwriters Laboratory Specification UL217 and
UL268.
Features
Guard Outputs for Ion Detector Input
+/-0.75pA Detect Input Current
Internal Reverse Battery Protection
Internal Low Battery Detection
Low Quiescent Current Consumption (<6.5uA)
Available in 16L PDIP or 16L N SOIC
ESD Protection on all Pins
Interconnect up to 40 Detectors
Compatible with MC14468
Available in Standard Packaging or RoHS
Complaint Pb Free Packaging
Pin Configuration
16
1
GUARD2
DETCOMP
2
DETECT
IO
15
3
GUARD1
LBADJ
14
4
VSEN
STROBE
13
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
VDD
15
V
Input Voltage Range Except FEED, IO
Vin
-.3 to Vdd +.3
V
FEED Input Voltage Range
Vinfd
-10 to +22
V
IO Input Voltage Range
Vio1
-.3 to 17
V
Reverse Battery Time
TRB
5
S
Input Current except FEED
Iin
10
mA
Operating Temperature
TA
-10 to 60
°C
Storage Temperature
TSTG
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used
when handling this product. Damage can occur when exposed to extremely high static electrical charge
OSCAP
5
12
LED
VDD
RBIAS
FEED
6
HS
11
7
HB
10
VSS
8
9


유사한 부품 번호 - RE46C126

제조업체부품명데이터시트상세설명
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
More results

유사한 설명 - RE46C126

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
Ionization Smoke Detector with Interconnect
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com