전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RE46C152 데이터시트(PDF) 4 Page - Microchip Technology

부품명 RE46C152
상세설명  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C152 데이터시트(HTML) 4 Page - Microchip Technology

  RE46C152 Datasheet HTML 1Page - Microchip Technology RE46C152 Datasheet HTML 2Page - Microchip Technology RE46C152 Datasheet HTML 3Page - Microchip Technology RE46C152 Datasheet HTML 4Page - Microchip Technology RE46C152 Datasheet HTML 5Page - Microchip Technology RE46C152 Datasheet HTML 6Page - Microchip Technology RE46C152 Datasheet HTML 7Page - Microchip Technology RE46C152 Datasheet HTML 8Page - Microchip Technology RE46C152 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RE46C152
CMOS Ionization Smoke Detector ASIC with Interconnect,
R&E International
Timer Mode and Tone Select
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22175A-page 4
AC Electrical Characteristics at TA = 25°C, VDD=9V, OSCAP=.1uF, RBIAS=8.2MΩ, VSS=0V (unless
otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
TPER1
12
No Alarm Condition
1.34
1.67
2
S
Oscillator Period
TPER2
12
Alarm Condition
37.5
41.5
45.8
mS
Oscillator Pulse Width
TPW
5
Operating
9.4
10.5
12.9
mS
LED On Time
TLON
5
Operating
9.4
10.5
12.9
mS
TLOF1
5
Standby, No Alarm
32
40
48
S
TLOF2
5
Alarm Condition
.8
1
1.2
S
LED Off Time
TLOF3
5
Timer Mode, No Alarm
8
10
12
S
THON1
10,11
Operating, Alarm Condition, Note 4
Tone = VDD or Float
450
500
550
mS
THON2
10,11
Low Battery, No Alarm
9.4
10.5
12.9
mS
Horn On Time
THON3
10,11
Operating, Alarm Condition, TONE=Low
150
166
183
mS
THOF1
10,11
Operating, Alarm Condition, Note 4
Tone = VDD or Float
450
500
550
mS
THOF2
10,11
Operating, Alarm Condition, Note 4
Tone = VDD or Float
1.35
1.5
1.65
S
THOF3
10,11
Operating, Alarm Condition, TONE=Low
75
83
92
mS
Horn Off Time
THOF4
10,11
Low Battery, No Alarm
32
40
48
S
IO Charge Dump Duration
TIODMP
2
At Conclusion of Local Alarm or Test
1.34
1.67
2.0
S
IO Delay
TIODLY1
2
From Start of Local Alarm Condition to
IO Active
No
Delay
S
IO Filter
TIOFILT
2
IO pulse width guaranteed to be filtered.
IO as Input, No Local Alarm
450
mS
Remote Alarm Delay
TIODLY2
2
No Local Alarm, IO as input, From IO
active to Horn Active
.450
2.2
S
Timer Period
TTPER
4
No Alarm
6.2
8
9.8
Min
Note 4 – See timing diagram for horn temporal pattern.
All timing except for TPER and TPW are guaranteed by functional tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com