전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RE46C146 데이터시트(PDF) 4 Page - Microchip Technology

부품명 RE46C146
상세설명  CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C146 데이터시트(HTML) 4 Page - Microchip Technology

  RE46C146 Datasheet HTML 1Page - Microchip Technology RE46C146 Datasheet HTML 2Page - Microchip Technology RE46C146 Datasheet HTML 3Page - Microchip Technology RE46C146 Datasheet HTML 4Page - Microchip Technology RE46C146 Datasheet HTML 5Page - Microchip Technology RE46C146 Datasheet HTML 6Page - Microchip Technology RE46C146 Datasheet HTML 7Page - Microchip Technology RE46C146 Datasheet HTML 8Page - Microchip Technology RE46C146 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RE46C146
CMOS Photoelectric Smoke Detector ASIC with
R&E International
Intelligent IO and Timer Mode
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22176A-page 4
AC Electrical Characteristics at TA =-25° to 75°, VDD=9V, VSS=0V, Component Values from Figure 2 ;
R9=100KΩ, R12=10MΩ, C5= 1.5nF(unless otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
Oscillator Period
TPOSC
12
No Alarm Condition
9.4
10.5
11.5
mS
LED and STROBE On Time
TON1
11,4
Operating
9.4
10.5
11.5
mS
TPLED1
11
Standby, No Alarm
39
43
47
S
TPLED2
11
Local Alarm Condition
.45
.5
.55
S
TPLED3
11
Timer Mode, No Local Alarm
9.6
10.75
11.8
S
LED Period
TPLED4
11
Remote Alarm Only
LED IS NOT ON
S
TPER1
4
Standby, No Alarm
9.6
10.75
11.8
S
TPER1A
4
Standby, After 1 Valid Smoke
Sample
1.8
2
2.2
S
TPER1B
4
Standby, After 2 Consecutive Valid
Smoke Samples
.9
1
1.1
S
TPER2
4
In Local Alarm – (3 Consecutive
Valid Smoke Samples)
.9
1
1.1
S
TPER3
4
In Remote Alarm
7.2
8
8.9
S
STROBE and IRED Pulse
Period
TPER4
4
Pushbutton Test
300
336
370
mS
IRED On Time
TON2
6
Operating
94
104
115
uS
THON1
8,9
Operating, Alarm Condition, Note 1
450
500
550
mS
THON2
8,9
Low Battery or Failed Chamber
Test , No Alarm
9.4
10.5
11.5
mS
Horn On Time
THON3
8,9
Operating, CO Interconnect Alarm
Condition, Note 1
90
100
110
mS
THOF1
8,9
Operating, Alarm Condition, Note 1
450
500
550
mS
THOF2
8,9
Operating, Alarm Condition, Note 1
1.35
1.5
1.65
S
THOF3
8,9
Low Battery or Failed Chamber
Test, No Alarm
39
43
47
S
THOF4
8,9
Operating, CO Interconnect Alarm
Condition, Note 1
90
100
110
mS
Horn Off Time
THOF5
8,9
Operating, CO Interconnect Alarm
Condition, Note 1
4.59
5.1
5.61
S
IO Delay
TIODLY1
7
From Start of Local Alarm to IO
Active
0
S
IO Pulse on Time for CO
Alarm
TIOPW1
7
No local alarm, 2 valid pulses
required for CO
46.2
590
mS
IO Pulse Off Time for CO
Alarm
TIOTO1
7
IO=low
3.7
S
IO Charge Dump Duration
TIODMP
7
At Conclusion of Local Alarm or
Test
1.2
1.35
1.5
S
Remote Alarm Delay
TIODLY2
7
No Local Alarm, From IO Active to
Alarm
1.05
1.5
2.0
S
Timer Period
TTPER
No Alarm Condition
8
10
12
Min
Note 1 – See timing diagram for smoke alarm Horn Temporal Pattern
Typical values are for design information and are not guaranteed.
Limits over the specified temperature range are not production tested and are based on characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com