전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RE46C140 데이터시트(PDF) 4 Page - Microchip Technology

부품명 RE46C140
상세설명  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C140 데이터시트(HTML) 4 Page - Microchip Technology

  RE46C140 Datasheet HTML 1Page - Microchip Technology RE46C140 Datasheet HTML 2Page - Microchip Technology RE46C140 Datasheet HTML 3Page - Microchip Technology RE46C140 Datasheet HTML 4Page - Microchip Technology RE46C140 Datasheet HTML 5Page - Microchip Technology RE46C140 Datasheet HTML 6Page - Microchip Technology RE46C140 Datasheet HTML 7Page - Microchip Technology RE46C140 Datasheet HTML 8Page - Microchip Technology RE46C140 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RE46C140
CMOS Photoelectric Smoke Detector ASIC with Interconnect
R&E International
and Timer Mode
A Subsidiary of Microchip Technology Inc.
Product Specification
2009 © Microchip Technology Inc.
DS22179A-page 4
AC Electrical Characteristics at TA =-25° to 75°, VDD=9V, VSS=0V, Component Values from Figure 2 ;
R9=100KΩ, R12=10MΩ, C5= 1.5nF(unless otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
Oscillator Period
TPOSC
12
No Alarm Condition
9.4
10.5
11.5
mS
LED and STROBE On Time
TON1
11,4
Operating
9.4
10.5
11.5
mS
TPLED1
11
Standby, No Alarm
39
43
47
S
TPLED2
11
Local Alarm Condition
.45
.5
.55
S
TPLED3
11
Timer Mode, No Local Alarm
9.6
10.75
11.8
S
LED Period
TPLED4
11
Remote Alarm Only
LED IS NOT ON
S
TPER1
4,6
Standby, No Alarm
9.6
10.75
11.8
S
TPER1A
4,6
Standby, After 1 Valid Smoke
Sample
1.8
2
2.2
S
TPER1B
4,6
Standby, After 2 Consecutive Valid
Smoke Samples
.9
1
1.1
S
TPER2
4,6
In Local Alarm – (3 Consecutive
Valid Smoke Samples)
.9
1
1.1
S
TPER3
4,6
In Remote Alarm
7.2
8
8.9
S
TPER4
4,6
Pushbutton Test
300
336
370
mS
STROBE and IRED Pulse
Period
TPER5
4,6
Chamber Test or Low Battery
Test, no Alarms
38.9
47.1
S
IRED On Time
TON2
6
Operating
94
104
115
uS
THON1
8,9
Operating, Alarm Condition, Note 1
450
500
550
mS
Horn On Time
THON2
8,9
Low Battery or Failed Chamber
Test , No Alarm
9.5
10.5
11.5
mS
THOF1
8,9
Operating, Alarm Condition, Note 1
450
500
550
mS
THOF2
8,9
Operating, Alarm Condition, Note 1
1.35
1.5
1.65
S
Horn Off Time
THOF3
8,9
Low Battery or Failed Chamber
Test, No Alarm
39
43
47
S
IO Charge Dump Duration
TIODMP
7
At Conclusion of Local Alarm or
Test Alarm
.9
1.46
S
IO Delay
TIODLY1
7
From Start of Local Alarm to IO
Active
0
S
IO Filter
TIOFILT
7
IO pulse width guaranteed to be
filtered. IO as Input, No Local
Alarm
600
mS
Remote Alarm Delay
TIODLY2
7
No Local Alarm, From IO Active
Horn Active
1.05
2.0
S
Timer Period
TTPER
No Alarm Condition, Note 2
8
10
12
Min
Note 1 – See timing diagram for Horn Temporal Pattern
Note 2 – During the timer mode the LED Period is 10.5 seconds. The LED period will return to a 43 seconds at the conclusion of the timer
mode.
Note 3 - TPOSC and TON2 are 100% production tested. All other timing is guaranteed by functional testing.
Typical values are for design information and are not guaranteed.
Limits over the specified temperature range are not production tested and are based on characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13