전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM134B 데이터시트(PDF) 19 Page - Silicon Touch Technology Inc.

부품명 DM134B
상세설명  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134B 데이터시트(HTML) 19 Page - Silicon Touch Technology Inc.

Back Button DM134B Datasheet HTML 12Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 13Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 14Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 15Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 16Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 17Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 18Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 19Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 20Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DM134B
、DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-18-
Version
:A.006
Package Outline
QFN32
DIMENSION
(mm)
DIMENSION
(MIL)
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
27.6
29.5
31.5
A1
0
0.02
0.05
0
0.79
1.97
A3
0.25 REF
9.84 REF
b
0.18
0.23
0.30
7.09
9.06
11.81
D
5.00 BSC
196.85 BSC
D2
1.25
2.70
3.25
49.21
106.30
127.95
E
5.00 BSC
196.85 BSC
E2
1.25
2.70
3.25
49.21
106.30
127.95
e
0.50 BSC
19.69 BSC
L
0.30
0.40
0.50
11.81
15.75
19.69
y
0.10
3.94
Note: 1.DIMENSIONING AND TOLERANCING CONFORM TO ASME Y145.5M-1994.
2. REFER TO JEDEC STD. MO-220 WHHD-2 ISSUE A
16
9
17
24
25
32
1
8
BOTTOM VIEW
D2
D
e
b
SEATING PLANE
y C
0.10 C
0.10 M CA B
TOP VIEW
916
817
24
1
32
25
0.25 C
0.25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20