| 전자부품 데이터시트 검색엔진 |
|
ST1115C 데이터시트(PDF) 7 Page - Silicon Touch Technology Inc. |
|
|
|||||||||||||||||||||||||||||
ST1115C 데이터시트(HTML) 7 Page - Silicon Touch Technology Inc. |
|
7 / 13 page ![]() 點晶科技股份有限公司 SILICON TOUCH TECHNOLOGY INC. ST1115C/ST1115D SP-ST1115CD-A.005 Version :A.005 Page :6 V2) - (V1 V V1)R - V2(V )R V - V1(V2 2 R DD T1 DD T2 DD + = V1 R2) R )( V1 V ( 1 R T1 DD + − = where VDD denotes the voltage at the VDD pin, see Fig. 1. Normally, VDD is around 10.8 Volt, which may slightly vary with the variation of the driving current. Figure 2. Desired Temperature-Speed Curve (3) The FGR pin provides the rotation detection output for ST1115C and the tachometer output for ST1115D. FGR is an open-drain output with a built-in 100k Ω pullup resistor. An additional resistor can be used to pull up the FGR voltage to the appropriate level, which depends on the voltage level of the monitoring/control system. T1 T2 Temperature Fan Speed rpm1 rpm2 |