전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP631-E/UN 데이터시트(PDF) 12 Page - Microchip Technology

부품명 MCP631-E/UN
상세설명  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631-E/UN 데이터시트(HTML) 12 Page - Microchip Technology

Back Button MCP631-E/UN Datasheet HTML 8Page - Microchip Technology MCP631-E/UN Datasheet HTML 9Page - Microchip Technology MCP631-E/UN Datasheet HTML 10Page - Microchip Technology MCP631-E/UN Datasheet HTML 11Page - Microchip Technology MCP631-E/UN Datasheet HTML 12Page - Microchip Technology MCP631-E/UN Datasheet HTML 13Page - Microchip Technology MCP631-E/UN Datasheet HTML 14Page - Microchip Technology MCP631-E/UN Datasheet HTML 15Page - Microchip Technology MCP631-E/UN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MCP631/2/3/5
DS22197A-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
FIGURE 2-27:
Gain Peaking vs.
Normalized Capacitive Load.
FIGURE 2-28:
Channel-to-Channel
Separation vs. Frequency.
0
1
2
3
4
5
6
7
8
9
10
1.0E-11
1.0E-10
1.0E-09
Normalized Capacitive Load; CL/GN (F)
10p
100p
1n
GN = 1 V/V
GN = 2 V/V
GN ≥ 4 V/V
50
60
70
80
90
100
110
120
130
140
150
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
1k
10k
100k
VCM = VDD/2
G = +1 V/V
RS = 10 kΩ
RS = 100 kΩ
1M
10M
RS = 0Ω
RS = 100Ω
RS = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com