전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F44J10-I/MLSQTP 데이터시트(PDF) 4 Page - Microchip Technology

부품명 PIC18F44J10-I/MLSQTP
상세설명  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/MLSQTP 데이터시트(HTML) 4 Page - Microchip Technology

  PIC18F44J10-I/MLSQTP Datasheet HTML 1Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 2Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 3Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 4Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 5Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 6Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 7Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 8Page - Microchip Technology PIC18F44J10-I/MLSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 2
© 2009 Microchip Technology Inc.
Pin Diagrams
10
11
2
3
4
5
6
1
8
7
9
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
22
21
MCLR
RA0/AN0
RA1/AN1
RA2/AN2/VREF-/CVREF
RA3/AN3/VREF+
VDDCORE/VCAP
RA5/AN4/SS1/C2OUT
VSS
OSC1/CLKI
OSC2/CLKO
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2*
RC2/CCP1
RC3/SCK1/SCL1
RB7/KBI3/PGD
RB6/KBI2/PGC
RB5/KBI1/T0CKI/C1OUT
RB4/KBI0/AN11
RB3/AN9/CCP2*
RB2/INT2/AN8
RB1/INT1/AN10
RB0/INT0/FLT0/AN12
VDD
VSS
RC7/RX/DT
RC6/TX/CK
RC5/SDO1
RC4/SDI1/SDA1
28-Pin SPDIP, SOIC, SSOP (300 MIL)
* Pin feature is dependent on device configuration.
28-Pin QFN
PIC18F24J10
RB3/AN9/CCP2*
RB2/INT2/AN8
RB1/INT1/AN10
RB0/INT0/FLT0/AN12
VDD
VSS
RC7/RX/DT
RA2/AN2/VREF-/CVREF
RA3/AN3/VREF+
VDDCORE/VCAP
RA5/AN4/SS1/C2OUT
VSS
OSC1/CLKI
OSC2/CLKO
PIC18F25J10
* Pin feature is dependent on device configuration.
.
10 11
2
3
6
1
18
19
20
21
22
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
5
4
= Pins are up to 5.5V tolerant
= Pins are up to 5.5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More