| 전자부품 데이터시트 검색엔진 |
|
PIC18F44J10-I/SP 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-I/SP 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 368 page ![]() PIC18F45J10 FAMILY DS39682E-page 4 © 2009 Microchip Technology Inc. Pin Diagrams (Continued) 10 11 2 3 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 PIC18F44J10 NC RC0/T1OSO/T1CKI OSC2/CLKO OSC1/CLKI VSS VDD RE2/CS/AN7 RE1/WR/AN6 RE0/RD/AN5 RA5/AN4/SS1/C2OUT VDDCORE/VCAP RC7/RX/DT RD4/PSP4 RD5/PSP5/P1B RD6/PSP6/P1C VSS VDD RB0/INT0/FLT0/AN12 RB1/INT1/AN10 RB2/INT2/AN8 RB3/AN9/CCP2* 44-Pin TQFP RD7/PSP7/P1D 5 4 PIC18F45J10 * Pin feature is dependent on device configuration. = Pins are up to 5.5V tolerant |