전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT5830 데이터시트(PDF) 14 Page - Active-Semi, Inc

부품명 ACT5830
상세설명  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 데이터시트(HTML) 14 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 10Page - Active-Semi, Inc ACT5830 Datasheet HTML 11Page - Active-Semi, Inc ACT5830 Datasheet HTML 12Page - Active-Semi, Inc ACT5830 Datasheet HTML 13Page - Active-Semi, Inc ACT5830 Datasheet HTML 14Page - Active-Semi, Inc ACT5830 Datasheet HTML 15Page - Active-Semi, Inc ACT5830 Datasheet HTML 16Page - Active-Semi, Inc ACT5830 Datasheet HTML 17Page - Active-Semi, Inc ACT5830 Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
STEP-DOWN DC/DC CONVERTER
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 14 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
14h
R
VRANGE
VSET
15h
R
MODE
16h
17h
R
R
OK
ON
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Note: See Table 1 for default register settings.
Table 2:
Control Register Map
Table 3:
Control Register Bit Descriptions
R: Read-Only bits. Default Values May Vary.
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
14h
VSET
[5:0]
R/W
REG Output Voltage Selection
See Table 4
14h
VRANGE
[6]
R/W
REG Voltage Range
Selection
0
Min VOUT = 1.1V
1
Min VOUT = 1.25V
14h
[7]
R
READ ONLY
15h
MODE
[0]
R/W
Mode Selection
0
PWM/PFM
1
Forced PWM
15h
[7:1]
R
READ ONLY
16h
[7:0]
R
READ ONLY
17h
ON
[0]
R
0
1
17h
OK
[1]
R
REG Power-OK
0
Output is not OK
1
Output is OK
17h
[2]
R
READ ONLY
17h
[7:3]
R
READ ONLY
REG Enable
REG Disable
REG Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com