전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFP6N40 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSFP6N40
상세설명  StarMOST Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFP6N40 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSFP6N40 Datasheet HTML 1Page - GOOD-ARK Electronics SSFP6N40 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSFP6N40
StarMOS
T Power MOSFET
Electrical Characteristics @TJ=25
ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
400
—
—
V
VGS=0V,ID=250
μA
△V(BR)DSS/△TJ Breakdown Voltage Temp.Coefficient
—
0.50
—
V/
ْC Reference to 25ْC,ID=1mA
RDS(on)
Static Drain-to-Source On-resistance
—
—
1.0
Ω VGS=10V,ID=3.3A ④
VGS(th)
Gate Threshold Voltage
2.0
—
4.5
V
VDS= VGS,ID=250
μA
gfs
Forward Transconductance
3.1
—
—
S
VDS=50V,ID=3.3A
—
—
25
VDS=400V,VGS=0V
IDSS
Drain-to-Source Leakage current
—
—
250
μA
VDS=320V,VGS=0V,TJ=125
ْC
Gate-to-Source Forward leakage
—
—
100
VGS=30V
IGSS
Gate-to-Source Reverse leakage
—
—
-100
nA
VGS=-30V
Qg
Total Gate Charge
—
—
22
Qgs
Gate-to-Source charge
—
—
5.8
Qgd
Gate-to-Drain("Miller") charge
—
—
9.3
nC
ID=3.5A
VDS=320V
VGS=10V
td(on)
Turn-on Delay Time
—
10
—
tr
Rise Time
—
22
—
td(off)
Turn-Off Delay Time
—
20
—
tf
Fall Time
—
16
—
nS
VDD=200V
ID=3.5A
RG=12
Ω
RD=57
Ω
LD
Internal Drain Inductance
—
4.5
—
LS
Internal Source Inductance
—
7.5
—
nH
Between lead,
6mm(0.25in.)
from
package
and center of
die contact
Ciss
Input Capacitance
—
600
—
Coss
Output Capacitance
—
103
—
Crss
Reverse Transfer Capacitance
—
4.0
—
pF
VGS=0V
VDS=25V
f
=1.0MHZ
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
—
—
5.5
ISM
Pulsed Source Current
.
(Body Diode)
①
—
—
22.0
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
—
—
1.6
V
TJ=25
ْC,IS=5.5A,VGS=0V ④
trr
Reverse Recovery Time
—
370
550
nS
Qrr
Reverse Recovery Charge
—
1.6
2.4
nC
TJ=25
ْC,IF=3.5A
di/dt=100A/
μs ④
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes:
① Repetitive rating;pulse width limited by
③ ISD≤5.5A,di/dt≤90A/μS,VDD≤V(BR)DSS,
max.junction temperature
TJ≤150
ْ C
② L = 19mH, IAS = 5.5 A, RG = 25Ω,
④ Pulse width≤300μS; duty cycle≤2%
Starting TJ = 25°C
2



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com