| 전자부품 데이터시트 검색엔진 |
|
PCF8576DT/2 데이터시트(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/2 데이터시트(HTML) 12 Page - NXP Semiconductors |
|
12 / 52 page ![]() PCF8576D_9 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 09 — 25 August 2009 12 of 52 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 7.4.2 1:2 Multiplex drive mode The 1:2 multiplex drive mode is used when two backplanes are provided in the LCD. This mode allows fractional LCD bias voltages of 1 ⁄ 2 bias or 1 ⁄ 3 bias as shown in Figure 7 and Figure 8. (1) Vstate1(t) = VSn(t) − VBP0(t). (2) Von(RMS) = 0.791VLCD. (3) Vstate2(t) = VSn+1(t) − VBP1(t). (4) Voff(RMS) = 0.354VLCD. Fig 7. Waveforms for the 1:2 multiplex drive mode with 1 ⁄2 bias mgl746 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 2 state 1 VSS VLCD VLCD / 2 VSS VSS VLCD VLCD VSS VLCD VLCD VLCD 0 V 0 V VLCD / 2 VLCD / 2 VLCD / 2 −VLCD −VLCD −VLCD / 2 −VLCD / 2 S n Sn+1 Tfr |