전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPXM2051GST1 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 MPXM2051GST1
상세설명  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2051GST1 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXM2051GST1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2051GST1 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPXM2051G
Sensors
2
Freescale Semiconductor
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 10 Vdc, TA = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0—
50
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
—10
16
Vdc
Supply Current
Io
—6.0
—
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
38.5
40
41.5
mV
Offset(4)
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
-1.0
—
1.0
mV
Sensitivity
ΔV/ΔP—
0.8
—
mV/kPa
Linearity
—
-0.3
—
0.3
%VFSS
Pressure Hysteresis(0 to 50 kPa)
—
—
±0.1
—
%VFSS
Temperature Hysteresis (-40
°C to +125°C)
—
—
±0.5
—
%VFSS
Temperature Effect on Full Scale Span
TCVFSS
-1.0
—
1.0
%VFSS
Temperature Effect on Offset
TCVoff
-1.0
—
1.0
mV
Input Impedance
Zin
1000
—
2500
Ω
Output Impedance
Zout
1400
—
3000
Ω
Response Time(5) (10% to 90%)
5. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
tR
—1.0
—
ms
Warm-Up
—
—
20
—
ms
Offset Stability(6)
6. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7