전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8377ECZQALGA 데이터시트(PDF) 94 Page - Freescale Semiconductor, Inc

부품명 MPC8377ECZQALGA
상세설명  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQALGA 데이터시트(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQALGA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8377ECZQALGA Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
94
Freescale Semiconductor
Package and Pin Listings
LCLK1
C23
O
LBVDD
—
LCLK2
B23
O
LBVDD
—
LCS_B0
D25
O
LBVDD
—
LCS_B1
F19
O
LBVDD
—
LCS_B2
C27
O
LBVDD
—
LCS_B3
D24
O
LBVDD
—
LCS_B4/LDP0
C24
I/O
LBVDD
—
LCS_B5/LDP1
B29
I/O
LBVDD
—
LA7/LCS_B6/LDP2
E29
I/O
LBVDD
—
LA8/LCS_B7/LDP3
F29
I/O
LBVDD
—
LFCLE/LGPL0
D21
O
LBVDD
—
LFALE/LGPL1
A26
O
LBVDD
—
LFRE_B/LGPL2/LOE_B
F22
O
LBVDD
—
LFWP_B/LGPL3
C21
O
LBVDD
—
LGPL4/LFRB_B/LGTA_B/
LUPWAIT/LPBSE
J29
I/O
LBVDD
—
LA9/LGPL5
G29
O
LBVDD
—
LSYNC_IN
A21
I
LBVDD
—
LSYNC_OUT
D23
O
LBVDD
—
LWE_B0/LFWE0/LBS_B0
E22
O
LBVDD
—
LWE_B1/LFWE1/LBS_B1
B25
O
LBVDD
—
LWE_B2/LFWE2/LBS_B2
E27
O
LBVDD
—
LWE_B3/LFWE3/LBS_B3
F28
O
LBVDD
—
eTSEC1/GPIO1/GPIO2/CFG_RESET Interface
TSEC1_COL/GPIO2[20]
AF22
I/O
LVDD1
—
TSEC1_CRS/GPIO2[21]
AE20
I/O
LVDD1
—
TSEC1_GTX_CLK
AJ25
O
LVDD1
—
TSEC1_RX_CLK
AG22
I
LVDD1
—
TSEC1_RX_DV
AD19
I
LVDD1
—
TSEC1_RX_ER/GPIO2[25]
AD20
I/O
LVDD1
—
TSEC1_RXD0
AD22
I
LVDD1
—
TSEC1_RXD1
AE21
I
LVDD1
—
TSEC1_RXD2
AE22
I
LVDD1
—
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More