전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5643LF0MMM8 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MPC5643LF0MMM8
상세설명  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643LF0MMM8 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5643LF0MMM8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5643LF0MMM8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
Overview
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
Packages
Known Good Die (KGD)
Yes
LQFP
144 pins
MAPBGA
257 MAPBGA
Temperature
Temperature range (junction)
–40 to 150
°C
Ambient temperature range using external ballast
transistor (LQFP)
–40 to 125
°C
Ambient temperature range using external ballast
transistor (BGA)
TBD
NOTES:
1 The third eTimer is available only in the BGA package.
2 The second FlexPWM module is available only in the BGA package.
Table 1. MPC5643L device summary (continued)
Feature
MPC5643L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98