| 전자부품 데이터시트 검색엔진 |
|
MPC8377ECVRALFA 데이터시트(PDF) 93 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECVRALFA 데이터시트(HTML) 93 Page - Freescale Semiconductor, Inc |
|
93 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 93 Package and Pin Listings LAD7 F23 I/O LBVDD — LAD8 E25 I/O LBVDD — LAD9 E26 I/O LBVDD — LAD10 A23 I/O LBVDD — LAD11 F24 I/O LBVDD — LAD12 G24 I/O LBVDD — LAD13 F25 I/O LBVDD — LAD14 H28 I/O LBVDD — LAD15 G25 I/O LBVDD — LA11/LAD16 F27 I/O LBVDD — LA12/LAD17 B21 I/O LBVDD — LA13/LAD18 A25 I/O LBVDD — LA14/LAD19 C28 I/O LBVDD — LA15/LAD20 H24 I/O LBVDD — LA16/LAD21 E23 I/O LBVDD — LA17/LAD22 B28 I/O LBVDD — LA18/LAD23 D28 I/O LBVDD — LA19/LAD24 A27 I/O LBVDD — LA20/LAD25 C25 I/O LBVDD — LA21/LAD26 B27 I/O LBVDD — LA22/LAD27 H27 I/O LBVDD — LA23/LAD28 E21 I/O LBVDD — LA24/LAD29 F20 I/O LBVDD — LA25/LAD30 D29 I/O LBVDD — LA26/LAD31 E20 I/O LBVDD — LA27 H26 O LBVDD — LA28 C29 O LBVDD — LA29 E28 O LBVDD — LA30 B26 O LBVDD — LA31 J25 O LBVDD — LA10/LALE H29 O LBVDD — LBCTL A22 O LBVDD — LCLK0 B22 O LBVDD — Table 71. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |