| 전자부품 데이터시트 검색엔진 |
|
MPC8377ECZQALDA 데이터시트(PDF) 100 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECZQALDA 데이터시트(HTML) 100 Page - Freescale Semiconductor, Inc |
|
100 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 100 Freescale Semiconductor Package and Pin Listings L1_SD_REF_CLK AJ17 I L1_XPADVDD — L1_SD_REF_CLK_B AH17 I L1_XPADVDD — L1_SD_RXA_N AJ15 I L1_XPADVDD — L1_SD_RXA_P AH15 I L1_XPADVDD — L1_SD_RXE_N AJ19 I L1_XPADVDD — L1_SD_RXE_P AH19 I L1_XPADVDD — L1_SD_TXA_N AF15 O L1_XPADVDD — L1_SD_TXA_P AE15 O L1_XPADVDD — L1_SD_TXE_N AF18 O L1_XPADVDD — L1_SD_TXE_P AE18 O L1_XPADVDD — L1_SDAVDD_0 AJ18 SerDes PLL Power (1.0 or 1.05 V) —— L1_SDAVSS_0 AG17 SerDes PLL GND —— L1_XCOREVDD AH14, AJ16, AF17, AH20, AJ20 SerDes Core Power (1.0 or 1.05 V) —— L1_XCOREVSS AG14, AG15, AG16, AH16, AG18, AG20 SerDes Core GND —— L1_XPADVDD AE16, AF16, AD18, AE19, AF19 SerDes I/O Power (1.0 or 1.05 V) —— L1_XPADVSS AF14, AE17, AF20 SerDes I/O GND —— SerDes2 Interface L2_SD_IMP_CAL_RX C19 I L2_XPADVDD — L2_SD_IMP_CAL_TX C15 I L2_XPADVDD — L2_SD_REF_CLK B17 I L2_XPADVDD — L2_SD_REF_CLK_B A17 I L2_XPADVDD — L2_SD_RXA_N A19 I L2_XPADVDD — L2_SD_RXA_P B19 I L2_XPADVDD — L2_SD_RXE_N A15 I L2_XPADVDD — L2_SD_RXE_P B15 I L2_XPADVDD — L2_SD_TXA_N D18 O L2_XPADVDD — Table 71. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |